Part Number Hot Search : 
AD818ARZ Z5226B C3752 TIP36C ELM404P 2SC536 AAMDA SK315
Product Description
Full Text Search
 

To Download DCRO133166-9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: DCRO133166-9
OPTIMIZED BANDWIDTH
FEATURES: Exceptional Phase Noise Performance Small Size, Surface Mount Lead Free REL-PRO(R) Technology Planar Resonator Construction
Phase Noise
-70 -80 -90
Phase Noise (dBc/Hz)
1330 - 1660 MHz
-100 -110 -120 -130 -140 -150 -160 -170 1000 10000 100000 Offset Frequency (Hz) 1000000 10000000
1330MHz
1495MHz
1660.1MHz
SPECIFICATIONS (Rev. B 10/19/08) Frequency Tuning Voltage Bias Voltage Output Power Tuning Sensitivity Output Impedance Harmonic Suppression Frequency Pulling Frequency Pushing Tuning Port Capacitance Phase Noise @ 10 kHz Operating Temperature Range Guaranteed Tuning Specifications Tuning Voltage ( V ) 0.5 5 8 13 Absolute Maximum Ratings Storage Temp. Range Bias Voltage Tuning Voltage DC Voltage Applied to RF Out -55 to +125 C +10 V +16 V 25 V Frequency ( MHz ) 1330 (Max.) 1375 (Min.) 1500 (Min.) 1660 (Min.) 1330 - 1660 MHz See table below. +9 VDC @ 27 mA (Max.) +3 dBm (Min.) 23 - 43 MHz/V (Typ.) 50 Ohms (Nom.) 17 dB (Typ.) 7 MHz (Typ. @ 1.75:1 VSWR) 5 MHz/V (Typ.) 63 pF (Typ.) -109 dBc/Hz (Typ.) -40 to +85 C Package # 278LF
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317
Copyright (c) Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 USA * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
[ 1 of 3 ]
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: DCRO133166-9
OPTIMIZED BANDWIDTH
1330 - 1660 MHz
1700 1675 1650 1625 1600 1575
Frequency (MHz)
PERFORMANCE PLOTS
1550 1525 1500 1475 1450 1425 1400 1375 1350 1325 1300 1275 1250 0 1 2 3 4 5 6 7 8 9 10 11 12 13
Control Voltage (Vdc)
+25C +85C -40C
10 9 8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6 7 8 9 10 11 12 13
Output Power (dBm)
Control Voltage (Vdc)
+25C +85C -40C
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317
Copyright (c) Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 USA * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
[ 2 of 3 ]
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: DCRO133166-9
OPTIMIZED BANDWIDTH
1330 - 1660 MHz
48
PERFORMANCE PLOTS
42
Tuning Sensitivity (MHz/V)
36
30
24
18
12
6
0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 Control Voltage (Vdc)
+25C +85C -40C
0 -5 -10 -15 -20 -25 -30 -35 -40 -45 0 1 2 3 4 5 6 7 8 9 10 11 12 13
2nd Harmonic Suppression (dB)
Control Voltage (Vdc)
+25C +85C -40C
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113 Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317
Copyright (c) Synergy Microwave Corporation 201 McLean Boulevard * Paterson, New Jersey 07504 USA * Tel: (973) 881-8800 * Fax: (973) 881-8361 E-Mail: sales@synergymwave.com * World Wide Web: http://www.synergymwave.com
[ 3 of 3 ]


▲Up To Search▲   

 
Price & Availability of DCRO133166-9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X